Part Number Hot Search : 
OM9572SP M52304SP M52304SP 68HC05B MLX90 CT52R 60R099 V5010DP
Product Description
Full Text Search
 

To Download YTQ-150-01-L-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" yts, ytq series f four, x row choice of four, ve or six row (2,00mm) .0787" typ (2,00mm) .0787" pitch (6,35mm) .250" yts?114?01?f?6 ytq?116?01?f?q ytq?110?01?l?5 www.samtec.com (6,35) .250 (2,00) .0787 typ (0,38) .015 (2,00) .0787 typ 300 06 295 01 no. of rows x (2,00) .0787 no. of rows x (2,00) .0787 + (0,30) .012 b a ??xxx? =polarized position (indicate position number) ?q = four row ?5 = five row ?6 = six row no. pins per row 1 plating option row option other option type socket yts = flat tail (style ?01 only) ytq = square tail ?6 ?5 specify lead style from chart lead style 02 thru 50 (2,29) .090 (15,24) .600 (5,28) .208 lead style ? 01 ? 02 ? 03 a mates with: ytt, ytw, yte, tmms ambient temp 20c 40c 60c 80c 5.5a 5a 4a 3a current rating mated with ytt specifications note: some lengths, styles and options are non-standard, non-returnable. ?q (0,51) .020 sq type socket yts ytq b x (0,51) .020 (0,25) .010 for complete speci cations see www.samtec.com?yts or www.samtec.com?ytq insulator material: black liquid crystal polymer contact material: phosphor bronze operating temp range: -55? to +125? plating: sn or au over 50? (1,27?) ni contact resistance: 10 m max insertion depth: (2,62mm) .103" to (5,03mm) .198" insertion force: (single contact only) 1.8oz (0,50n) average withdrawal force: (single contact only) 1.0oz (0,28n) average max cycles: 100 with 10? (0,25?) au rohs compliant: ye s processing (yts): lead?free solderable: wave only processing (ytq): lead?free solderable: wave or re ow with matte sn plating ?l =10" (0,25m) gold contact, matte tin on tail ?f =gold ? ash on contact, matte tin on tail f-211 supplement tm high density socket


▲Up To Search▲   

 
Price & Availability of YTQ-150-01-L-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X